PART |
Description |
Maker |
HYB5117400BJ-60 HYB5117400BJ-50 HYB5116400BJ-60 HY |
4M x 4 Bit 2k 5 V 60 ns FPM DRAM 4M x 4 Bit 4k 5 V 60 ns FPM DRAM 4M x 4 Bit 2k 3.3 V 60 ns FPM DRAM 4M x 4 Bit 4k 3.3 V 60 ns FPM DRAM 4M x 4 Bit 2k 3.3 V 50 ns FPM DRAM 4M x 4 Bit 4k 3.3 V 50 ns FPM DRAM -4M x 4-Bit Dynamic RAM 4M x 4-Bit Dynamic RAM 2k & 4k Refresh (Fast Page Mode) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYM364020GS-60 HYM364020S-60 Q67100-Q982 HYM364020 |
4M x 36-Bit Dynamic RAM Module 4M X 36 FAST PAGE DRAM MODULE, 60 ns, SMA72 4M x 36 Bit FPM DRAM Module with Parity
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
HYM368020GS-60 HYM368020S-60 Q67100-Q985 HYM368020 |
8M x 36 Bit FPM DRAM Module with Parity 8M x 36 Bit DRAM Module with Parity 8M x 36-Bit Dynamic RAM Module 8M X 36 FAST PAGE DRAM MODULE, 60 ns, SMA72 8M x 36-Bit Dynamic RAM Module 8米36位动态随机存储器模块
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
MT4LC1M16C3TG-6S MT4LC1M16C3DJ-6S |
FPM DRAM 快速页面模式的DRAM
|
Micron Technology, Inc.
|
UNO-PCM21 UNO-PCM22 UNO-FPM21 UNO-FPM21-AE |
UNO & FPM integration kit
|
Advantech Co., Ltd. http://
|
V4DJ132BLT |
1M X 32 High Performance FPM Memory Module(1M*32高性能FPM存储器模 100万32高性能程序手册内存模组00 32高性能程序手册存储器模块)
|
Mosel Vitelic, Corp.
|
MT4C16257 |
256K x 16 FPM DRAM(256K x 16快速页面模式动态RAM)
|
Micron Technology, Inc.
|
IC41C82052S IC41LV82052S IC41C82052S-50J IC41C8205 |
DYNAMIC RAM, FPM DRAM 2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
|
ICSI[Integrated Circuit Solution Inc]
|
IC41C44054 IC41C44052 IC41LV44052 IC41LV44054 IC41 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:8; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 4Mx4 bit Dynamic RAM with Fast Page Mode 4Mx4位动态RAM的快速页面模 DYNAMIC RAM, FPM DRAM
|
Integrated Circuit Solu... ICSI[Integrated Circuit Solution Inc]
|
M410000027 M410000022 M41000001Z M41000001W |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业闪存兆位12亩x 8-Bit/256亩x 16位),静态存储器
|
Advanced Micro Devices, Inc.
|
W25X80VZPIZ W25X10 W25X10_07 W25X10VDAC W25X10VDAC |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
WINBOND[Winbond]
|
AD7520JN AD7531 AD7531KN AD7530 AD7521 AD7521KN AD |
320 x 240 pixel format, LED or CFL Backlight 10位,12位,乘法D / A转换 10-Bit, 12-Bit, Multiplying D/A Converters PARALLEL, WORD INPUT LOADING, 1 us SETTLING TIME, 12-BIT DAC, PDIP18 Replaced by ADS8505 : 16-Bit 10us Sampling CMOS Analog-to-Digital Converter 28-SOIC 10-Bit/ 12-Bit/ Multiplying D/A Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|